PART |
Description |
Maker |
S6846 S10053 S6809 |
MOSFET, Switching; VDSS (V): 600; ID (A): 11; Pch : -; RDS (ON) typ. (ohm) @10V: 0.58; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1450; toff (µs) typ: -; Package: LDPAK (S)- (1) Light modulation photo IC 光调制照片集成电
|
Hamamatsu Photonics
|
STI24N60M2 STW24N60M2 STB24N60M2 STP24N60M2 |
N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK N-channel 600 V, 0.168 Ω typ., 18 A MDmesh II Plus?low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
|
STMicroelectronics
|
STP9N60M2 STD9N60M2 |
Extremely low gate charge N-channel 600 V, 0.72 Ohm typ., 5.5 A MDmesh II Plus(TM) low Qg Power MOSFET in DPAK package N-channel 600 V, 0.72 Ohm typ., 5.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220 package
|
STMicroelectronics ST Microelectronics
|
STW48NM60N |
N-channel 600 V, 0.055 Ω typ., 44 A MDmesh II Power MOSFET in a TO-247 package N-channel 600 V, 0.055 Ω typ., 44 A MDmesh?/a> II Power MOSFET in a TO-247 package
|
STMicroelectronics
|
STFI13NM60N |
N-channel 600 V, 0.28 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in I2PAKFP package
|
ST Microelectronics
|
S5573 |
MOSFET, Switching; VDSS (V): 600; ID (A): 30; Pch : 200; RDS (ON) typ. (ohm) @10V: 0.2; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
STL33N60M2 |
N-channel 600 V, 0.115 Ohm typ., 21.5 A MDmesh M2 Power MOSFET in a PowerFLAT(TM) 8x8 HV package
|
ST Microelectronics
|
STW40N60M2 STFI40N60M2 |
N-channel Power MOSFET N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
|
STMicroelectronics N.V.
|
STW70N60M2 |
Excellent output capacitance N-channel 600 V, 0.031 Ohm typ., 68 A MDmesh M2 Power MOSFET in TO-247 package
|
STMicroelectronics ST Microelectronics
|
STFI26NM60N |
N-channel 600 V, 0.135 Ohm typ., 20 A MDmesh(TM) II Power MOSFET in I2PAKFP package N-channel 600 V, 0.135, 20 A MDmesh II Power MOSFET in PAKFP package
|
ST Microelectronics STMicroelectronics
|
ASM1817R-5F_T ASM1817 ASM1817-10 ASM1817-10_T ASM1 |
Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output From old datasheet system GIGATRUE 550 CAT6 PATCH 100 FT, SNAGLESS, GREEN GIGATRUE 550 CAT6 PATCH 4 FT, SNAGLESS, RED GIGATRUE 550 CAT PATCH CBL SNAGLSS 100F GR 25 PK GIGATRUE 550 CAT PATCH CBL SNAGLSS 50FT GR 25 PK GIGATRUE 550 CAT PATCH CBL SNAGLSS 10FT GR 25 PK GIGATRUE 550 CAT6 PATCH 7 FT. SNAGLESS, RED GIGATRUE 550 CAT PATCH CBL SNAGLSS 6FT RD 25 PK 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 GIGATRUE 550 CAT6 PATCH 20FT. SNAGLESS, GREEN 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
Alliance Semiconductor ... http:// ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|